PART |
Description |
Maker |
AAT3111 AAT3111-33 AAT3111IGU-33-T1 AAT3111IJS-33- |
MicroPowerRegulated Charge Pump 微功耗稳压电荷泵 MicroPower⑩ Regulated Charge Pump MICROPOWER⒙ REGULATED CHARGE PUMP MicroPower Regulated Charge Pump
|
Advanced Analogic Technologies, Inc.
|
BCM56101 BCM5848U |
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT 24端口快速以太网端口千兆以太网多层交换机,可以用一10-GIGABIT以太 HIGIG港口
|
Broadcom Corp. Broadcom, Corp.
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
DRL-EIP-PCIE 1120005033 SD-112000-5033 |
BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
|
Molex Electronics Ltd.
|
0853-2X8R-66 |
INTEGRATED CONNECTOR MODULES Power over Ethernet MagJack 2 x 8 DATACOM TRANSFORMER FOR ETHERNET APPLICATION(S)
|
Bel Fuse, Inc.
|
KSZ8841-16MBL-EVAL KSZ8841-16MQL-EVAL KSZ8841-32MV |
Single-Port Ethernet MAC Controller with Non-PCI Interface DATACOM, ETHERNET TRANSCEIVER, PQFP128
|
Micrel Semiconductor http:// MICREL INC
|
ZL50402 |
Managed 2-Port Fast Ethernet + 1 G Ethernet Switch
|
Zarlink Semiconductor
|
BCM5848U BCM56101 BCM5836 BCM5461 |
24-PORT FAST ETHERNET AND 2-PORT GIGABIT ETHERNET MULTILAYER SWITCH WITH ONE 10-GIGABIT ETHERNET/HIGIG PORT
|
BOARDCOM[Broadcom Corporation.]
|
HFCT-5912E HFBR-5912E HFBR-0562 HFBR-0564 |
Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications 评估板吨,个RJ千兆以太网多模应 Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications 评估板吨,个RJ千兆以太网多模和单模应用 HFCT-5912E · 1.25 Gbit/s SMF (10km) Small Form Factor Transceiver for Gigabit Ethernet (1000Base-LX) HFBR-5912E · 1.25 Gbit/s MMF (500m) SFF MT-RJ Transceiver for Gigabit Ethernet (1000Base-SX) HFBR-0564 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode and Singlemode Applications HFBR-0562 · Evaluation Kit for MT-RJ Gigabit Ethernet Multimode Applications Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] http://
|
POE75D-1UP |
75W DC Input Power over Ethernet Midspan Ultra Power over Ethernet Single Port Injector
|
Phihong USA Inc.
|